PART |
Description |
Maker |
BC618 ON0154 BC618RL BC618ZL1 |
Darlington Transistor NPN From old datasheet system CASE 29-4, STYLE 17 TO-2 (TO-26AA) Darlington Transistors(NPN Silicon) 1000 mA, 55 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
ON Semiconductor
|
2N999 ST640 ST646 FT359 |
TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 500MA I(C) | CAN TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | 10A I(C) | TO-3 TRANSISTOR | BJT | DARLINGTON | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 晶体管|晶体管|达林顿|进步党| 80V的五(巴西)总裁| 10A条一(c)|3 TRANSISTOR | BJT | DARLINGTON | NPN | 350V V(BR)CEO | 15A I(C) | TO-3
|
STMicroelectronics N.V.
|
MPSA12DA MPSA12DB MPSA12DC MPSA42DB MPSA42DC MPSA4 |
TRANSISTOR | BJT | PNP | 150V V(BR)CEO | CHIP 晶体管|晶体管|进步党| 150伏五(巴西)总裁|芯片 TRANSISTOR | BJT | DARLINGTON | NPN | 60V V(BR)CEO | CHIP 晶体管|晶体管|达林顿|叩| 60V的五(巴西)总裁|芯片 TRANSISTOR | BJT | NPN | 140V V(BR)CEO | CHIP 晶体管|晶体管| npn型| 140伏特五(巴西)总裁|芯片 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | CHIP TRANSISTOR | BJT | DARLINGTON | NPN | 30V V(BR)CEO | CHIP TRANSISTOR | BJT | NPN | 300V V(BR)CEO | CHIP TRANSISTOR|BJT|DARLINGTON|NPN|CHIP
TRANSISTOR|BJT|DARLINGTON|NPN|30VV(BR)CEO|CHIP
|
Zetex Semiconductor PLC Central Semiconductor, Corp. Cypress Semiconductor, Corp.
|
2SC5476 |
3 A, 85 V, NPN, Si, POWER TRANSISTOR NPN Epitaxial Planar Silicon Darlington Transistor Darlington Transistors
|
Sanyo
|
ZTX605 ZTX604K |
NPN Darlington Transistor NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS
|
Zetex Semiconductors
|
ZTX600A ZTX601 |
NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTORS NPN Darlington Transistor
|
Zetex Semiconductors
|
BU806 BU807 BU807TU |
NPN Epitaxial Silicon Darlington Transistor High Voltage & Fast Switching Darlington Transistor
|
FAIRCHILD[Fairchild Semiconductor]
|
CJD127 CJD127PNP CJD122 CJD122NPN CJD122-NPN |
SMD Bipolar Power Transistor NPN Darlington COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR 互补性的芯片功率达林顿晶体管 From old datasheet system SMD Bipolar Power Transistor PNP Darlington
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2SD560 2SD560LB 2SD560MB |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset 晶体管|晶体管|达林顿|叩| 100V的五(巴西)总裁| 5A条一(c)| TO - 220AB现有 TRANSISTOR | BJT | DARLINGTON | NPN | 100V V(BR)CEO | 5A I(C) | TO-220AB NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION) FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING Silicon power transistor
|
NEC, Corp. NEC Corp.
|
TIP112TU |
NPN Epitaxial Silicon Darlington Transistor; Package: TO-220; No of Pins: 3; Container: Rail 2 A, 100 V, NPN, Si, POWER TRANSISTOR, TO-220AB
|
Motorola Mobility Holdings, Inc.
|
UPA1478 UPA1478H UPA1478H-AZ |
2 A, 35 V, 4 CHANNEL, NPN, Si, POWER TRANSISTOR SIP-10 NPN SILICON POWER TRANSISTOR ARRAY LOW SPEED SWITCHING USE DARLINGTON TRANSISTOR INDUSTRIAL USE
|
Micrel Semiconductor, Inc. NEC[NEC]
|
KTD1510 |
Triple Diffused NPN Transistor(Hign Power Amplifier,Darlington Transistor)(涓???╂?NPN?朵?绠★?澶у????澶у???揪??】?朵?绠★?)
|
KEC Holdings
|